PART |
Description |
Maker |
SF10J41A SF10G41A |
THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS TOSHIBA THYRISTOR SILICON PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
SF8JZ47 SF8GZ47 |
THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS TOSHIBA THYRISITOR SILICON PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
USF3G48 |
THYRISTOR SILICON PLANAR TYPE
|
Kersemi Electronic Co.,...
|
USF3G48 |
(USF3x48) THYRISTOR SILICON PLANAR TYPE
|
Toshiba Semiconductor
|
USF10G48 |
(USF10x48) THYRISTOR SILICON PLANAR TYPE
|
Toshiba Semiconductor
|
SM10LZ47 |
BI .DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE AC POWER CONTROL APPLICATIONS RESISTOR: 49.9 OHM, 1/10W, 1%, PACKAGE 0805
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
MAZ2056-A MAZ2051-A MA2360 MA2220 MA2560 MAZ2200-B |
PT 23C 2#16,21#20 SKT PLUG Silicon planar type 33.93 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 12.25 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 5.5 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 5.8 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 5.225 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 硅平面型 Silicon planar type 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 17.4 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 24.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
Panasonic Corporation Panasonic, Corp.
|
2SD1275A 2SD1275 |
Silicon NPN triple diffusion planar type Darlington(For power amplification) Silicon PNP epitaxial planar type Darlington
|
PANASONIC[Panasonic Semiconductor]
|
MCC162-18IO1 MCC162-14IO1 MCD162-18IO1 MCD162-12IO |
Thyristor and Rectifiers Modules PC Board Connector; No. of Contacts:8; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Thyristor Modules Thyristor/Diode Modules 300 A, 1400 V, SCR Thyristor Modules Thyristor/Diode Modules 晶闸管模块可控硅/二极管模 Thyristor Modules Thyristor/Diode Modules 300 A, 800 V, SCR Thyristor Modules Thyristor/Diode Modules 300 A, 1800 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
MAZ8033 MAZ8024 MAZ8027 MAZ8030 MAZ8036 MAZ8039 MA |
MAZ8xxx Series (MA8000 Series) Silicon planar type Silicon planar type For stabilization of power supply
|
Panasonic Semiconductor
|
MAZ7360 MAZ7150 MAZ7220 MAZ7220-A MAZ7220-B MAZ705 |
Silicon planar type Silicon planar type 26.05 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 47 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 56 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 12.25 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 (MAZ7000 Series) Silicon planar type
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
DMG20402 |
Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
|
Panasonic Semiconductor
|